Part Number Hot Search : 
74HC37 RB095 MK316B 2N404 MC10E1 IPA1020 PY222 25ETTT
Product Description
Full Text Search
 

To Download UC3842A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DataSheet.in
UTC UC3842A / 3843A LINEAR INTEGRATED CIRCUIT
CURRENT MODE PWM CONTROL CIRCUITS
DESCRIPTION
The UTC UC3842A/3843A provide the necessary functions to implement off-line or DC to DC fixed frequency current mode , controlled switching circuits with a minimal external part count
SOP-8
FEATURES
*Low external part count. *Low start up current ( Typical 0.12mA ) *Automatic feed forward compensation *Pulse-by-Pulse current limiting *Under-voltage lockout with hysteresis *Double pulse Suppression *High current totem pole output to drive MOSFET directly *Internally trimmed band gap reference *500kHz operation
DIP-8
BLOCK DIAGRAM
7
Vcc
Vref
8
Internal Bias 1/2Vref
5V REF
S/R
5 GND
Vref Good Logic 1/3Vref U.V.L.O CURRENT SENSE COMPARATOR R PWM LATCH S
7
Vcc
VFB COMP
2 1
ERROR AMPLIFIER 1V
6
OUTPUT
CURRENT SENSE 3
RT/CT
4
5 GND
OSCILLATOR
ABSOLUTE MAXIMUM RATINGS(Ta=25C)
PARAMETER
Supply Voltage(Low Impedance Source) Supply Voltage(Icc<30mA) Output Current ( Peak ) Output Energy(capacity Load) Analog Inputs(pin 2,3) Error Amplifier Output Sink Current Power Dissipation Lead Temperature( Soldering 10 Sec )
SYMBOL
VCC Vcc Io VI(ANA) ISINK(EA) PD DIP-8 SOP-8 Tlead
VALUE
30 Self Limiting +-1 5 -0.3 ~ +6.3 10 at Tamb<=25C 1.0 at Tamb<=25C 0.5 300
UNIT
V V A J V mA W W C
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R103-002,B
DataSheet.in
UTC UC3842A / 3843A LINEAR INTEGRATED CIRCUIT
(continued)
PARAMETER
Storage Temperature Operating junction temperature Note 1: Ta>25C, PD derated with 8mW/C.
SYMBOL
Tstg Tj
VALUE
-65 ~ +150 +150
UNIT
C C
ELECTRICAL CHARACTERISTICS (0C <=Ta<=70C,VCC=15V,RT=10k,CT=3.3nF,unless otherwise
specified)
PARAMETER Reference Section
Output Voltage Line Regulation Load Regulation Temperature Stability Total Output Variation Output Noise Voltage Long Term Stability Output Short Circuit
SYMBOL
VREF VREF VREF
TEST CONDITIONS
Tj=25C,Io=1mA 12<=VIN<=25V 1<=Io=20mA (Note 2) Line, Load, Temp(note 2) 10Hz<=f<=10kHz,Tj=25C (note 2) Ta=25C,1000Hrs(note 2)
MIN
4.9
TYP
5 6 6 0.2 50 5 -100 52 0.2 5 1.7 2.50 -0.3 90 1 70 6 -0.8 6 0.7 3 1 70 -2 150 0.1 1.5 13.5 13.5 50 50 16 8.4 10 7.6
MAX
5.1 20 25 0.4 5.18 25 -180 57 1
UNIT
V mV mV mV/C V uV mV mA kHz % % V V A dB MHz dB mA mA V V V/V V dB A ns V V V V ns ns V V
4.82
Vosc ISC f f/Vcc Vosc VI(EA) IBIAS
-30 Tj=25C 12<=Vcc<=25V Tmin<=TA<=Tmax(note 2) Vpin 4 peak to peak Vpin 1=2.5V 2 <=Vo<=4V Tj=25C (note 2) I2<=Vcc<=25V Vpin 2=2.7V,Vpin 1=1.1V Vpin 2=2.3V,Vpin 1=5V Vpin 2=2.3V, RL=15k to GND Vpin 2=2.7V,Vpin 1=1.1V (note 3,4) Vpin 1=5V( note 3) 12<=Vcc<=25V Vpin 3=0 to 2V 47
Oscillator Section
Initial Accuracy Voltage Stability Temperature Stability Amplitude
Error Amplifier Section
Input Voltage Input Bias Current AVOL Unity Gain Bandwidth PSRR Output Sink Current Output Source Current Vout High Vout Low 2.42 60 0.7 60 2 -0.5 5 2.58 -2
Isink Isource VOH VOL GV VI(MAX) IBIAS
1.1 3.15 1.1 -10 300 0.4 2.2
Current Sense section
Gain Maximum Input signal PSRR Input Bias Current Delay to Output 2.85 0.9
Output Section
Output Low Level Output High Level Rise Time Fall Time Start Threshold Min. Operating Voltage VOL VOH tR tF VTH(ST) VOPR(min) Isink=20mA Isink=200mA Isource=20mA Isource=200mA Tj=25C,CL=1nF(note 2) Tj=25C,CL=1nF(note 2) UTC3842A UTC3843A After Turn On UTC3842A UTC3843A 13 12
150 150 17.5 9 11.5 8.2
Under-Voltage Lockout Output Section
14.5 7.8 8.5 7
V
PWM Section
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R103-002,B
DataSheet.in
UTC UC3842A / 3843A LINEAR INTEGRATED CIRCUIT
PARAMETER
Maximum Duty Cycle Minimum Duty Cycle
SYMBOL
D(MAX) D(MIN)
TEST CONDITIONS
MIN
95
TYP
97
MAX
100 0
UNIT
% %
Total Standby Current
Start-up Current IST Operating Supply Current ICC(opr) Vpin 2=Vpin 3=0V Vcc Zener Voltage Vz Icc=25mA note 2:These parameters, although guaranteed ,are not 100% tested in production. note 3:Parameters measured at trip point of latch with Vpin 2=0. note 4:Gain defined as: 0.12 11 34 0.3 17 mA mA V
A=
Vpin 1 Vpin 3
; 0<=Vpin3<=0.8V
note 5:Adjust Vcc above the start threshold before setting at 15V.
OPEN-LOOP LABORATORY TEST FIXTURE
Vref 4.7k RT 100k 0.1 F
1 2
8 7 6
A
0.1 F
Vcc
Error Amp Adjust 4.7k Isense Adjust
1k / 1W OUTPUT
3
5k
4
CT
5
High peak current associated with capacity loads necessitate careful grounding techniques. Timing and bypass capacitors should be connected close to pin 5 in single point GND. The transistor and 5k potentio-meter are used to sample the oscillator waveform and apply an adjustable Ramp to Pin 3.
UNDER-VOLTAGE LOCKOUT
Icc Vcc
<15mA
7
ON/OFF Command to rest of IC
Von=16V Voff=10V
<1mA Voff Von
Vcc
During Under-Voltage Lockout, the output driver is biased to a high impedance state. Pin 6 should be shunt to GND with a bleeder resistor to prevent activating the power switch with output leakage currents.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R103-002,B
DataSheet.in
UTC UC3842A / 3843A LINEAR INTEGRATED CIRCUIT
ERROR AMPLIFIER CONFIGURATION
2.5V 0.5mA
Zi Zf
2 1
Error amplifier can source or sink up to 0.5mA
CURRENT SENSE CIRCUIT
Error Amplifier Is R 1V 2R
1
R Rs C
3 5
Current Sense Comparator
Peak current (Is) determined by the formula: Ismax=10V/Rs. A small RC filter be required to suppress switch transients.
SLOPE COMPENSATION
0.1 F CT
8 4
RT
R1
3
R2 C
Isense Rsense
A fraction of the oscillator ramp can be resistively summed with the current sense signal to provide slope compensation for converts requiring duty cycles over 50%.Note that capacitor C, forms a filter with R2 to suppress the leading edge switch spikes.
UTC
UNISONIC TECHNOLOGIES
CO. LTD
4
QW-R103-002,B
DataSheet.in
UTC UC3842A / 3843A LINEAR INTEGRATED CIRCUIT
OSCILLATOR SECTION
V4
8
RT
Large RT Small CT
INTERNAL CLOCK V4
4
CT
5
Small RT Large CT
INTERNAL CLOCK
Dead time VS CT(RT>5k)
100
Timing Resistance Vs Frequency
100
td (s)
RT (k)
CT=1nF CT=2.2nF
10
CT=4.7nF 10 CT=10nF CT=22nF 1 CT=47nF CT=100nF 1 1 10 100 10
2
0.1
10
3
10
4
10
5
10
6
CT (nF)
Frequency (Hz)
SHUTDOWN TECHNIQUES
Shutdown UTC UC3842A can be accomplished by two methods; either raise pin 3 above 1V or pull Pin 1 below a voltage two diode drops above ground. Either method caused the output of PWM comparator to be high(refer to block diagram).The PWM latch is reset dominant so that the output will remain low until the next clock cycle after the shutdown condition at pins 1 and/or 3 is removed . In one example, an externally latched shut -down may be accomplished by adding an SCR which be reset by cycling Vcc below the lower UVLO threshold. At this point the reference turns off allowing the SCR to reset.
1k
8
1
330
Shutdown
3
500 To current Sense resistor
Shutdown
UTC
UNISONIC TECHNOLOGIES
CO. LTD
5
QW-R103-002,B
DataSheet.in
UTC UC3842A / 3843A LINEAR INTEGRATED CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTICS
4 100 80 0
Saturation Voltage (V)
Voltage Gain (dB)
3
Vcc=15V Ta=+25C Ta=-55C
2
40
-90
20 1 0
-135 -180
0 0.01 0.1 1 10
10
2
10
3
10
4
10
5
10
6
10
7
Output Current (Sourse or Sink Current) (A)
Frequency (Hz)
Output Saturation Characteristics
Vref Temperature Drift
5.02
Error Amplifier Open-Loop Frequency Response
Istart Temperature Drift
550 500
Vref (V)
5.01 Vcc=15V Io=1mA 5.00 4.99 450 Vcc=9V
Istart (mA)
400
4.98
350
4.97 4.96 -50 -25 0 25 50 75 100 125 150
300 250 -50
-25
0
25
50
75
100
125
150
Temperature (C)
Temperature (C)
Icc Temperature Drift
15
Icc (mA)
14 Vcc=15V Io=1mA 13 12
11
10 9 -50 -25 0 25 50 75 100 125 150
Temperature (C)
UTC
UNISONIC TECHNOLOGIES
CO. LTD
6
QW-R103-002,B
PHASE (Degree)
60
-45


▲Up To Search▲   

 
Price & Availability of UC3842A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X